Part Number Hot Search : 
PT6608 TR3D225 BZV79C75 OP58TS T48ALV TB200 AD824AR 2N402902
Product Description
Full Text Search
 

To Download ADAM-3951 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PCI-1752U PCI-1754 PCI-1756
64-ch Isolated Digital Output Universal PCI Card 64-ch Isolated Digital Input PCI Card 64-ch Isolated Digital I/O PCI Card
PCI-1752U
RoHS
2002/95/EC
COMPLIANT
PCI-1754
RoHS
2002/95/EC
COMPLIANT
PCI-1756
RoHS
2002/95/EC
COMPLIANT
Features
64 isolated digital output channels High-voltage isolation on output channels (2,500 VDC) 2,000 VDC ESD protection Wide output range (5 ~ 40 VDC) High-sink current on isolated output channels (200 mA max./channel) Output status readback Keeps the output settings and values after system hot reset Channel-freeze function High-density 100-pin SCSI connector Support sink
Features
64 isolated digital input channels Either +/- voltage input for DI by group High-voltage isolation on input channels (2,500 VDC) High over-voltage protection (70 VDC) Wide input range (10 ~ 50 VDC) Interrupt handling capability High-density 100-pin SCSI connector
Features
Either +/- voltage input for DI by group Output status readback Keeps the output settings and values after system hot reset Interrupt handling capability High-density 100-pin SCSI connector
Specifications
Isolated Digital Input
Channels Input Voltage 32 (16-ch/group) Logic 0: 3 V max. Logic 1: 10 V min. (50 V max.) Interrupt Capable Ch. 2 (IDI0, IDI16) Isolation Protection 2,500 VDC Overvoltage Protection 70 VDC ESD 2,000 VDC Opto-Isolator Response 25 s Input Current 10 VDC @ 1.7 mA, 12 VDC @ 2.1 mA 24 VDC @ 4.4 mA, 48 VDC @ 9.0 mA 50 VDC @ 9.4 mA
Specifications
Isolated Digital Output
Channels Output Type Isolation Protection Output Voltage Sink Current Opto-isolator Response 64 (16-ch/group) Sink (NPN) 2,500 VDC 5 ~ 40 VDC 200 mA max./channel 25 s
Specifications
Isolated Digital Input
Channels Input Voltage 64 (16-ch/group) Logic 0: 3 V max. Logic 1: 10 V min. (50 V max.) 10 VDC @ 1.7 mA, Input Current 12 VDC @ 2.1 mA (Typical) 24 VDC @ 4.4 mA, 48 VDC @ 9.0 mA 50 VDC @ 9.4 mA Interrupt Capable Ch. 4 Isolation Protection 2,500 VDC Overvoltage 70 VDC Protection ESD 2,000 VDC Opto-Isolator 25 s Response
General
Bus Type I/O Connectors Universal PCI V2.2 1 x 100-pin SCSI female connector Dimensions (L x H) 175 x 100mm (6.9" x 3.9") Power Consumption Typical: +5 V @ 230 mA Max.: +5 V @ 500 mA 0 ~ 60 C (32 ~ 140 F) Operating Temperature (IEC 68-2-1, 2) Storage Temperature -20 ~ 70 C (-4 ~ 158 F) Storage Humidity 5 ~ 95% RH, (IEC 68-2-3) non-condensing

Isolated Digital Output
Channels Output Type Isolation Protection Output Voltage Sink Current Opto-isolator Response 32 (16-ch/group) Sink (NPN) 2,500 VDC 5 ~ 40 VDC 200 mA max./channel 25 s
General
Bus Type I/O Connectors PCI V2.2 1 x 100-pin SCSI female connector Dimensions (L x H) 175 x 100mm (6.9" x 3.9") Power Consumption Typical: +5 V @ 340 mA Max.: +5 V @ 450 mA 0 ~ 60 C (32 ~ 140 F) Operating (IEC 68-2-1, 2) Temperature Storage Temperature -20 ~ 70 C (-4 ~ 158 F) Storage Humidity 5 ~ 95% RH (IEC 68-2-3) non-condensing
General
Bus Type I/O Connectors Dimensions (L x H) Power Consumption Operating Temperature Storage Temperature Storage Humidity PCI V2.2 1 x 100-pin SCSI female connector 175 x 100mm (6.9" x 3.9") Typical: +5 V @ 285 mA Max.: +5 V @ 475 mA 0 ~ 60 C (32 ~ 140 F) (IEC 68-2-1, 2) -20 ~ 70 C (-4 ~ 158 F) 5 ~ 95 % (IEC 68-2-3) non-condensing
Ordering Information
PCI-1752U PCL-10250-1 ADAM-3951 64-ch Isolated Digital Output Universal PCI Card 100-pin SCSI to Two 50pin SCSI Cable, 1 m 50-pin DIN-rail Wiring Board w/ LED Indicators
Ordering Information
PCI-1754 PCL-10250-1 ADAM-3951 64-ch Isolated Digital Input PCI Card 100-pin SCSI to Two 50-pin SCSI Cable, 1 m 50-pin DIN-rail Wiring Board w/ LED Indicators
Ordering Information
PCI-1756 PCL-10250-1 ADAM-3951 64-ch Isolated Digital I/O PCI Card 100-pin SCSI to Two 50-pin SCSI Cable, 1 m 50-pin DIN-rail Wiring Board w/ LED Indicators
Data Acquisition Boards


▲Up To Search▲   

 
Price & Availability of ADAM-3951

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X